PART |
Description |
Maker |
100N02 100N20G-TN3-R 100N20L-TM3-T |
100A, 15V N-CHANNEL POWER TRENCH MOSFET
|
Unisonic Technologies
|
S3XB-13-F S3X-13-F S3JB-13-F S3GB-13-F |
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER RECTIFIER STANDARD SINGLE 3A 600V 600 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER STANDARD SINGLE 3A 400V 400 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 400 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
SGL50N60RUFD SGL50N60RUFDTU |
Discrete, Short Circuit Rated IGBT with Diode Short Circuit Rated IGBT 80 A, 600 V, N-CHANNEL IGBT, TO-264AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
2040.0613 2040.0614 |
Subminiature PCB Fuse; Long or short terminals; available Taped and reeled; Telecommunications use; Voltage Rating: 250V; Current Rating: 0.63A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.63A, 250VAC, 35A (IR), THROUGH HOLE Subminiature PCB Fuse; Long or short terminals; available Taped and reeled; Telecommunications use; Voltage Rating: 250V; Current Rating: 0.8A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.8A, 250VAC, 35A (IR), THROUGH HOLE
|
SCHURTER AG
|
SGW10N60RUF |
FEEDTHRU CAPACITOR, 220PF 0.5A 100VFEEDTHRU CAPACITOR, 220PF 0.5A 100V; Capacitance:0.22nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Short Circuit Rated IGBT
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
STGW20NB60K |
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH?/a> IGBT N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH⑩ IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
TLE7209-3R |
Short circuit protection
|
Infineon Technologies A...
|
SGH5N120RUFD |
Short Circuit Rated IGBT
|
FAIRCHILD[Fairchild Semiconductor]
|
20-PB06IPB010RC-P955A40Y |
Over current and short circuit protection
|
Vincotech
|
AEP06US065 |
Continous Short Circuit Protection
|
XP Power Limited
|
|